Part Number Hot Search : 
VQG100 YBBND SSL2115X 50120 11201 MTC20138 YBBND UMD2NTR
Product Description
Full Text Search
 

To Download APL1084 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APL1084
5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
Features
! ! ! ! ! ! ! !
Fast Transient Response Guaranteed Dropout Voltage at Multiple Currents Load Regulation :0.05% Typ. Line Regulation : 0.03% Typ. Low Dropout Voltage: 1.3V Typ. at IOUT =5A Trimmed Current Limit : 5A Typ. at TJ=125 C On-Chip Thermal Limiting : 150 C Typ. Standard 3-pin TO-220, TO-252 and TO-263 Power Packages
applications, the APL1084 has been optimized. The output available voltage range of adjustable version is from 1.25~5.75V with an input supply below 7V, and the fixed 3.3V output voltage device is also available. Current limit is trimmed to ensure specified output current and controlled short-circuit current. On-chip thermal limiting provides protection against any combination of overload that would create excessive junction temperatures. The APL1084 is available in both the through-hole and surface mount versions of the industry standard 3-pin TO-220,TO-252 and TO-263 power packages.
Pin Description Applications
!
V IN V OUT
! ! ! ! !
Pentium Processor Supplies powerPCTM Supplies Low Voltage Logic Supplies Battery-Powered Circuitry Post Regulator for Switching Power Supply
TM
TAB is V OUT
ADJ
Front View APL1084 TO-252 Package
3
6)*EI8 O UT
V IN V OUT ADJ
2 1
Front View APL1084 TO-263 Package
General Description
3 VIN VOUT ADJ
The APL1084 is a low dropout three-terminal adjustable regulator with 5A output current capability. In order to obtain lower dropout voltage and faster transient response, which is critical for low voltage
6)*EI8OUT
2 1
Front View APL1084 TO-220 Package
3
6)*EI8 OUT
V IN V OUT ADJ
2 1
Front View APL1084 TO-264 Package
Ordering Information
APL1084 L e a d F re e C o d e H a n d lin g C o d e Tem p. R ange Package C ode V o lta g e C o d e
Package C ode F : T O -2 2 0 G : T O -2 6 3 U : T O -2 5 2 Z : T O -2 6 4 Tem p. R ange C : 0 to 7 0 C H a n d lin g C o d e TU : Tube TR : Tape & R eel V o lta g e C o d e : 3 3 : 3 .3 V B la n k : A d ju s ta b le V e rs io n L e a d F re e C o d e L : L e a d F re e D e v ic e B la n k : O rg in a l D e v ic e AP L1084- 33 : 33 AP L1084 XXXXX XXXXX - D a te C o d e
AP L1084 :
AP L1084 XXXXX
XXXXX
- D a te C o d e
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. Copyright ANPEC Electronics Corp. Rev. B.9 - Aug., 2003 1 www.anpec.com.tw
APL1084
Absolute Maximum Ratings
Symbol VI TJ TSTG TL Parameter Input Voltage Operating Junction Temperature Range Control Section Power Transistor Storage Temperature Range Lead Temperature (Soldering, 10 second) Rating 7 0 to 125 0 to 150 -65 to +150 260 Unit V C
C C
Electrical Characteristics
Symbol VREF VOUT REGLINE Parameter Test Conditions APL1084 Unit Min. Typ. Max. 1.225(-2%) 1.250 1.275(+2%) V 3.235(-2%) 3.300 3.365(+2%) 0.03 0.2 V %
REGLOAD
VD ILIMIT
Reference Voltage 1.5V(VIN -VOUT) 5.75V, APL1084 10mA IOUT 5A, TJ =0~125C Output Voltage 10mA IOUT 5A, 4.75VVIN 7V, APL1084-3.3 TJ =0~125C Line Regulation TJ =0~125C, (Notes 1) APL1084 2.75VVIN 7V, IOUT=10mA, APL1084-3.3 4.75VVIN 7V, IOUT=0mA , Load Regulation TJ=25C, (Notes 1) APL1084 (VIN -VOUT)=3V, 10mA IOUT 5A APL1084-3.3 VI N=5V, 0mA IOUT 5A Dropout Voltage VREF=1% ,IOUT=3A ,TJ =0~125C VREF=1% ,IOUT=5A ,TJ =0~125C Current Limit (VIN -VOUT)=1.7V,
0.05 0.05 1.2 1.3 6.0 5.0 6.5 5.5 7.6 6.0 8.2 6.5 60 0.2 2 8
0.3 0.5 1.4 1.5
%
V A
TJ=25C TJ=125C TJ=25C (VIN -VOUT)=3V, TJ=125C IADJ Adjust Pin Current (VIN -VOUT)=3V, IOUT=10mA, APL1084 TJ=0125C IADJ Adjust Pin Current 1.5V( VIN -VOUT)5.75V, Change APL1084 10mA IOUT5A ILMIN Minimum Load 1.5V( VIN -VOUT)5.75V, Current APL1084 TJ=0125C IQ Quiescent Current VI N=5V APL1084-3.3 PSRR Ripple Rejection APL1084 F=120Hz, Cout=22F, Tant. , (VIN -VOUT)=3V, IOUT=5A APL1084-3.3 F=120Hz, Cout=22F, Tant. , (VIN =6.3V, IOUT=5A LS Long -Term TJ =125C,1000Hrs. Stability
Copyright ANPEC Electronics Corp. Rev. B.9 - Aug., 2003 2
120 5 10 13
A A mA mA
60
dB
0.03
1.0
%
www.anpec.com.tw
APL1084
Electrical Characteristics (Cont.)
Symbol VN th,J-TAB th,J-AMB Parameter Test Conditions APL1084 Min. Typ. Max. 0.003 6.0 50 62.5 Unit % C/ W C/ W
RMS Output Noise(% of TJ=25C,10HzF10kHz VOUT) Thermal Resistance (NOTE 2) Junction-to-Case, at TAB Thermal Resistance TO-263 Junction-to-Ambient TO-252
NOTE 1: See thermal regulation specifications for changes in output voltage due to heating effects. Load and line regulations are measured at a constant junction temperature by low duty cycle pulse testing. NOTE 2 :The value could be varied when heat sink size is different. Use larger heat sink or larger PCB size , which improves th,TAB-A, to improve overall thermal resistance (th,J-A).
Application Circuits
Typical Regulator
VIN (2.75V~7V)
10 F + C1
APL1084
+
VOUT (1.250V/ 5A) Solid Tantalum C2*
5V to 3.3V Regulator
VIN (5V) 10 F C1
+
APL1084 R1 R2
+
VOUT (3.3V/ 5A) Solid Tantalum C2*
VOUT=(R1+R2)/R1*1.250V
* Required for stability APL1084:C =10F * R1 is typically in range of 100 to 120
Copyright ANPEC Electronics Corp. Rev. B.9 - Aug., 2003
3
www.anpec.com.tw
APL1084
Typical Characteristics
Dropout Voltage vs Output Current
1.5 1.3
Short- Circuit Current vs Temperature
16
TJ= -50C
Shout- Circuit Current (A)
1.4
15 14 13 12 11 10 9 8 7 6 -50
VIN-VOUT(SHORT CIRCUIT) =3.3V VIN-VOUT (SHORT CIRCUIT) =5V
Dropout Voltage (V)
1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0 1 2 3 4 5
TJ= 25C TJ=125C TJ=0C
0
50
100
150
Output Current (A)
Temperature (C)
Load Regulation vs Temperature
0.10 I =5A 1.275 1.270 1.265 1.260 1.255 1.250 1.245 1.240 1.235 1.230
Reference Voltage vs Temperature
Output Voltage Deviation (%)
0.05 0.0 -0.05 -0.10 -0.15 -0.20 -50 0 50 100 150
Reference Voltage (V)
1.225 -50
0
50
100
150
Temperature (C)
Temperature (C)
Copyright ANPEC Electronics Corp. Rev. B.9 - Aug., 2003
4
www.anpec.com.tw
APL1084
Typical Characteristics (Cont.)
Minimum Load Current vs Temperature
5 100 90 80 70 60 50 40 30 20 10 0 -50 0 50 100 150 0 -50 0 50 100 150
Adjust Pin Current vs Temperature
Minimum Load Current (mA)
4 3 2 1
Temperature (C)
Adjust Pin Current (A)
Temperature (C)
Ripple Rejection vs Frequency
90 80 70 60 40 30 20 10 0 VIN-VOUT = 3V VRIPPLE(p-p) = 1V IOUT = 5A 100 1k 10k 100k 50
Maximum Power Dissipation*
! #
Power (W)
Ripple Rejection (dB)
# # #
% ' ! #
10
Frequency (Hz)
Case Temperature (C)
* as Limited by Maximum Jcnction Temperature
Copyright ANPEC Electronics Corp. Rev. B.9 - Aug., 2003
5
www.anpec.com.tw
APL1084
Package Informaion
TO-252( Reference JEDEC Registration TO-252)
E b2 L2 A C1
D H L1 L b e1 D1 C A1
E1
Dim A A1 b b2 C C1 D D1 E E1 e1 H L L1 L2
M illim et er s M in. 2. 1 8 0. 8 9 0. 5 08 5. 2 07 0. 4 6 0. 4 6 5. 3 34 5. 2 R EF 6. 3 5 5. 3 R EF 3. 9 6 9. 3 98 0. 5 1 0. 6 4 0. 8 9 1. 0 2 2. 0 32
6
Inc he s M ax. 2. 3 9 1. 2 7 0. 8 9 5. 4 61 0. 5 8 0. 5 8 6. 2 2 6. 7 3 5. 1 8 10 . 41 M in. 0. 0 86 0. 0 35 0. 0 20 0. 2 05 0. 0 18 0. 0 18 0. 2 10 0. 2 05 R EF 0. 2 50 0. 2 09 R EF 0. 1 56 0. 3 70 0. 0 20 0. 0 25 0. 0 35 0. 0 40 0. 0 80
www.anpec.com.tw
M ax. 0. 0 94 0. 0 50 0. 0 35 0. 2 15 0. 0 23 0. 0 23 0. 2 45 0. 2 65 0. 2 04 0. 4 10
Copyright ANPEC Electronics Corp. Rev. B.9 - Aug., 2003
APL1084
Package Informaion
TO-263 ( Reference JEDEC Registration TO-263)
E
L2
D L L3
e e1 A c2
b2 b
1
R L1 D E TA IL "A "R O T E D
L4
c
Dim A b b2 c c2 D e e1 L L1 L2 L3
Min. 4.06 0.51 1.14 1.14 8.64 4.83 14.60 2.24 1.02 1.20
Millimeters
0.38 TYP. 2.54 TYP
Max. 4.83 1.016 1.651 1.40 9.65 5.33 15.88 2.84 2.92 1.78
Min. 0.160 0.02 0.045 0.045 0.340 0.190 0.575 0.090 0.040 0.050
Inches
0.015 TYP. 0.100 TYP
Max. 0.190 0.040 0.065 0.055 0.380 0.210 0.625 0.110 0.112 0.070
Copyright ANPEC Electronics Corp. Rev. B.9 - Aug., 2003
7
www.anpec.com.tw
APL1084
Package Information
TO-220 ( Reference JEDEC Registration TO-220)
D Q
R
b E
e
b1
e1
L1
H1 A F
L
c
J1
Dim A b1 b c D e e1 E F H1 J1 L L1 R Q
Millimeters Min. 3.56 1.14 0.51 0.31 14.23 2.29 4.83 9.65 0.51 5.84 2.03 12.7 3.65 3.53 2.54 Max. 4.83 1.78 1.14 1.14 16.51 2.79 5.33 10.67 1.40 6.86 2.92 14.73 6.35 4.09 3.43 Min. 0.140 0.045 0.020 0.012 0.560 0.090 0.190 0.380 0.020 0.230 0.080 0.500 0.143 0.139 0.100
Inches Max. 0.190 0.070 0.045 0.045 0.650 0.110 0.210 0.420 0.055 0.270 0.115 0.580 0.250 0.161 0.135
Copyright ANPEC Electronics Corp. Rev. B.9 - Aug., 2003
8
www.anpec.com.tw
APL1084
Package Information
TO-264
E
L2
D L
e e1
b2 b
A c2
1
c3
L1 D E T A IL "A "R O TE D
c
Millimeters Dim A b b2 c c2 c3 D e e1 E L L1 L2 1 4.83 9.65 14.60 2.24 1.02 0 1.14 0 8.64 2.54 TYP 5.33 10.54 15.88 2.84 2.92 8 0.190 0.380 0.575 0.090 0.040 0 Min. 4.06 0.51 1.14 0.38 TYP. 1.40 0.102 9.65 0.045 0 0.340 Max. 4.83 1.016 1.651 Min. 0.160 0.02 0.045
Inches Max. 0.190 0.040 0.065 0.015 TYP. 0.055 0.004 0.380 0.100 TYP 0.210 0.415 0.625 0.110 0.112 8
Copyright ANPEC Electronics Corp. Rev. B.9 - Aug., 2003
9
www.anpec.com.tw
APL1084
Physical Specifications
Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb) Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
Reflow Condition
(IR/Convection or VPR Reflow)
Reference JEDEC Standard J-STD-020A APRIL 1999
temperature
Peak temperature 183C Pre-heat temperature
Classification Reflow Profiles
Convection or IR/ Convection Average ramp-up rate(183C to Peak) 3C/second max. 120 seconds max Preheat temperature 125 25C) 60 150 seconds Temperature maintained above 183C Time within 5C of actual peak temperature 10 20 seconds Peak temperature range 220 +5/-0C or 235 +5/-0C Ramp-down rate 6 C /second max. 6 minutes max. Time 25C to peak temperature
Time
VPR 10 C /second max. 60 seconds 215-219C or 235 +5/-0C 10 C /second max.
Package Reflow Conditions
pkg. thickness 2.5mm and all bgas Convection 220 +5/-0 C VPR 215-219 C IR/Convection 220 +5/-0 C pkg. thickness < 2.5mm and pkg. volume 350 mm pkg. thickness < 2.5mm and pkg. volume < 350mm Convection 235 +5/-0 C VPR 235 +5/-0 C IR/Convection 235 +5/-0 C
www.anpec.com.tw
Copyright ANPEC Electronics Corp. Rev. B.9 - Aug., 2003
10
APL1084
R e lia b ilit y te s t p r o g r a m
Te s t ite m S O L D E R A B IL IT Y H O LT PCT TST ESD L a tc h -U p M e th o d M IL -S T D -8 8 3 D -2 0 0 3 M IL -S T D -8 8 3 D -1 0 0 5 .7 J E S D -2 2 - B , A 1 0 2 M IL -S T D -8 8 3 D -1 0 11 .9 M IL -S T D -8 8 3 D -3 0 1 5 .7 JESD 78 D e s c rip tio n 2 45 C , 5 S E C 1 0 0 0 H rs B ia s @ 1 2 5 C 1 6 8 H rs , 1 0 0 % R H , 1 2 1 C -6 5 C ~ 1 5 0 C , 2 0 0 C y c le s V H B M > 2 K V, V M M > 2 0 0 V 1 0 m s , I tr > 1 0 0 m A
Carrier Tape
E Po P P1 D
t
F W
Bo
Ao
D1 T2
Ko
J C A B
T1
Application
A 330 3
B 100 2 D 1.5 +0.1 B 80 2 D 1.5 +0.1
C 13 0. 5 D1 1.5 0.25 C 13 0. 5 D1 1.5 0.25
J 2 0.5 Po 4.0 0.1 J 2 0.5 Po 4.0 0.1
T1 16.4 + 0.3 -0.2 P1 2.0 0.1 T1 24 4 P1
T2 2.5 0.5 Ao 6.8 0.1 T2 2 0.3 Ao
W 16+ 0.3 - 0.1 Bo 10.4 0.1 W 24 + 0.3 - 0.1 Bo
P 8 0.1 Ko 2.5 0.1 P 16 0.1 Ko
E 1.75 0.1 t 0.30.05 E 1.75 0.1 t
TO-252 Application
F 7.5 0.1 A 3803
TO-263
F 11.5 0.1
2.0 0.1 10.8 0.1 16.1 0.1
5.2 0.1 0.350.013
Copyright ANPEC Electronics Corp. Rev. B.9 - Aug., 2003
11
www.anpec.com.tw
APL1084
Cover Tape Dimensions
Application TO- 252 TO- 263 Carrier Width 16 24 Cover Tape Width 13.3 21.3 Devices Per Reel 2500 1000
Customer Service
Anpec Electronics Corp. Head Office : 5F, No. 2 Li-Hsin Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369
Copyright ANPEC Electronics Corp. Rev. B.9 - Aug., 2003
12
www.anpec.com.tw


▲Up To Search▲   

 
Price & Availability of APL1084

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X